Part Number Hot Search : 
FR102 008K75 TDA15 AZP96NG ATMEGA 1N5392 TA8216 H22B5
Product Description
Full Text Search
 

To Download DG202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3960; Rev 3; 6/06
Quad SPST CMOS Analog Switches
General Description
The DG202/DG212 are normally open, quad singlepole single-throw (SPST) analog switches. These CMOS switches can be continuously operated with power supplies ranging from 4.5V to 18V. Maxim guarantees that these switches will not latch up if the power supplies are disconnected with input signals still connected. The DG202/DG212 are similar to the DG201/DG211 except for inverted control inputs. All devices have guaranteed break-before-make switching, as well as essentially constant on-resistance over the analog signal range. All switches conduct current in either direction and add no offset to the output signal. Compared to the original manufacturer's products, Maxim's DG202/DG212 consume very little power, making them better suited for portable applications. Maxim has also eliminated the need for the third logic power supply (VL) that is required for the operation of the original manufacturer's DG212 without sacrificing compatibility.
Features
Guaranteed 4.5V to 18V Operation No VL Supply Required Nonlatching with Supplies Turned Off and Input Signals Present CMOS and TTL Logic Compatible Monolithic, Low-Power CMOS Design
DG202/DG212
Ordering Information
PART DG202CUE DG202CSE DG202CJ DG202C/D DG202AEGE DG202AEUE DG202ADY DG202ADJ DG202AK DG212CUE DG212CSE DG212CJ DG212C/D DG212EGE DG212EUE DG212DY DG212DJ DG212ETE TEMP RANGE 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -55C to +125C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 SO 16 Plastic DIP Dice 16 QFN (5mm x 5mm) 16 TSSOP 16 SO 16 Plastic DIP 16 CERDIP 16 TSSOP 16 SO 16 Plastic DIP Dice 16 QFN (5mm x 5mm) 16 TSSOP 16 SO 16 Plastic DIP 16 Thin QFN
Applications
Analog Multiplexers Programmable Gain Amplifiers Communications Systems Sample/Holds Automatic Test Equipment PBX, PABX
Typical Operating Circuit
IN1
5k 5k VIN x 10V *1 2 3 -15V 4 5 6 7 10k *8 16 * 15 14 40k
Pin Configurations
1 2 3 4 5 6 7 8 16 IN2 15 D2 14 S2 13 V+
D1 S1 VVOUT
DG202 DG212
13 +15V 12 11 10 9* 20k
GND S4 D4 IN4
DG202 DG212
12 V L 11 S3 10 D3 9 IN3
DIP/SO
LOGIC SWITCH OFF ON
PROGRAMMABLE GAIN AMPLIFIER
NOTE: *PINS 1, 8, 9, AND 16 ARE LOGIC CONTROL INPUTS
0 1
SWITCHES SHOWN FOR LOGIC "0" INPUT
Pin Configurations continued at end of data sheet. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
Quad SPST CMOS Analog Switches DG202/DG212
ABSOLUTE MAXIMUM RATINGS (DG212)
V+ to V-.......................................................................44V VIN to Ground.................................................... .........V-, V+ VL to Ground.........................................................-0.3V, 25V VS or VD to V+............................................................0, -40V VS or VD to V-..............................................................0, 40V V+ to Ground....................................................................25V V- to Ground.................................................................-25V Current, Any Terminal Except S or D...............................30mA Continuous Current, S or D............................................20mA Peak Current, S or D (pulsed at 1ms 10% duty cycle max).............................70mA Storage Temperature Range.........................-65C to +125C Note 1: Device mounted with all leads soldered to PC board.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Operating Temperature Range DG212C ...........................................................0C to +70C DG212D/E ....................................................-40C to +85C Power Dissipation (TA = +70C) (Note 1) 16-Pin Plastic Dip (derate 10.5mW/C above +70C) ..842mW 16-Pin Narrow SO (derate 8.7mW/C above+70C). ....696mW 16-Pin TSSOP (derate 9.4mW/C above +70C) ..........755mW 16-Pin QFN (5mm x 5mm) (derate 19.2mW/C above +70C) .........................1538mW 16-Pin Thin QFN (derate 14.7mW/C above +70C) .........................1177mW
ELECTRICAL CHARACTERISTICS (DG212)
(V+ = +15V, V- = -15V, GND = 0, TA = +25C, unless otherwise noted.) (For more information on TYP values see Note 2.)
PARAMETER SWITCH Analog Signal Range Drain-Source ON-Resistance Source OFF-Leakage Current Drain OFF-Leakage Current Drain ON-Leakage Current (Note 3) INPUT Input Current with Input Voltage High Input Current with Input Voltage Low DYNAMIC Turn-ON Time Turn-OFF Time Source OFF-Capacitance Drain OFF-Capacitance Channel ON-Capacitance OFF-Isolation (Note 4) Crosstalk (Channel to Channel) tON tOFF1 tOFF2 CS (OFF) CD (OFF) CD + S (ON) OIRR CCRR VIN = 0, RL = 1k, CL = 15pF, VS = 1VRMS, f = 100kHz 460 See Switching Time Test Circuit VS = 2V, RL = 1k, CL = 35pF VS = 0, VIN = 0, f = 1MHz VD = 0, VIN = 0, f = 1MHz VD = VS = 0, VIN = 5V, f = 1MHz 360 450 5 5 16 70 90 dB pF 1000 500 ns IINH IINL VIN = 2.4V VIN = 15V VIN = 0 -1.0 -1.0 -0.0004 0.003 -0.0004 1.0 A VANALOG RDS (ON) IS (OFF) ID (OFF) ID (ON) VD = 10V, VIN = 2.4V, IS = 1mA VIN = 0.8V VIN = 0.8V VS = 14V, VD = -14V VS = -14V, VD = 14V VS = 14V, VD = -14V VS = -14V, VD = 14V -5.0 -5.0 -5.0 -15 115 0.01 -0.02 0.01 -0.02 0.1 -0.15 5.0 5.0 nA +15 175 5.0 V SYMBOL CONDITIONS MIN TYP MAX UNITS
VS = VD = 14V, VIN = 2.4V VS = VD = -14V, VIN = 2.4V
2
_______________________________________________________________________________________
Quad SPST CMOS Analog Switches
ELECTRICAL CHARACTERISTICS (DG212) (continued)
(V+ = +15V, V- = -15V, GND = 0, TA = +25C, unless otherwise noted.) (For more information on TYP values see Note 2.)
PARAMETER SUPPLY Positive Supply Current Negative Supply Current Logic Supply Current Power-Supply Range for Continous Operation I+ IIL VOP 4.5 VIN = 0 and 2.4V (all) 0.02 0.01 0 0.4 0.4 0 18.0 V mA SYMBOL CONDITIONS MIN TYP MAX UNITS
DG202/DG212
Note 2: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. Note 3: ID(ON) is leakage from driver into "ON" switch. Note 4: OFF-Isolation = 20 log VS/VD, VS = input to OFF switch, VD = output.
ABSOLUTE MAXIMUM RATINGS (DG202)
Voltages Reference to VV+.........................................................................44V GND......................................................................25V Digital Inputs (Note 1), VS, VD ............................-2V to (V+ + 2V) or 20mA, whichever occurs first Current, Any Terminal Except S or D..............................30mA Continuous Current, S or D..........................................20mA Peak Current, S or D (pulsed at 1ms 10% duty cycle max).........................70mA Operating Temperature Range DG202C .........................................................0C to +70C DG202D/E..................................................-40C to +85C DG202A .....................................................-55C to +125C Storage Temperature Range.........................-65C to +150C Power Dissipation (Note 2) 16-Pin Plastic Dip (derate 10.5mW/C above +70C) ...842mW 16-Pin SO (derate 8.7mW/C above +70C) .................696mW 16-Pin TSSOP (derate 9.4mW/C above +70C) ...........755mW 16-Pin QFN (5 5) (derate 19.2mW/C above +70C)...........................1538mW 16-Pin CERDIP (derate 10.0mW/C above +70C)......800mW
Note 1: Signals on S_, D_, or IN_ exceeding V+ or V- on Maxim's DG202 will be clamped by internal diodes, and are also internally current limited to 25mA. Note 2: Device mounted with all leads soldered to PC board.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS (DG202)
(V+ = +15V, V- = -15V, GND = 0, TA = +25C, unless otherwise noted.) (For more information on TYP values see Note 3.)
PARAMETER SWITCH Analog Signal Range Drain-Source ON Resistance Source OFF-Leakage Current Drain OFF-Leakage Current Drain ON-Leakage Current (Note 4) VANALOG RDS (ON) IS (OFF) ID (OFF) ID (ON) VD = 10V, VIN = 2.4V, IS = 1mA VIN = 0.8V VIN = 0.8V VIN = 2.4V VS = 14V, VD = -14V VS = -14V, VD = 14V VS = 14V, VD = -14V VS = -14V, VD = 14V VS = -14V VS = 14V -1.0 -1.0 -1.0 -15 115 0.01 -0.02 0.01 -0.02 0.1 1.0 -5.0 1.0 -1.0 15 175 1.0 -1.0 -15 115 0.01 -0.02 0.01 -0.02 0.1 1.0 5.0 nA 15 200 5.0 V SYMBOL CONDITIONS DG202A MIN TYP MAX DG202C, D, E MIN TYP MAX UNITS
_______________________________________________________________________________________
3
Quad SPST CMOS Analog Switches DG202/DG212
ELECTRICAL CHARACTERISTICS (DG202) (continued)
(V+ = +15V, V- = -15V, GND = 0, TA = +25C, unless otherwise noted.) (For more information on TYP values see Note 3.)
PARAMETER INPUT Input Current with Input Voltage High Input Current with Input Voltage Low DYNAMIC Turn-ON Time Turn-OFF Time Charge Injection Source OFF-Capacitance Drain OFF-Capacitance Channel ON-Capacitance OFF-Isolation Crosstalk (Channel to Channel) SUPPLY Positive Supply Current Negative Supply Current Power-Supply Range for Continuous Operation I+ IVOP All channels ON or OFF All channels ON or OFF -0.1 4.5 0.02 -0.01 18 0.1 -0.1 4.5 0.02 -0.01 18.0 0.1 mA V tON tOFF1 Q CS (OFF) CD (OFF) See Figure 1 Switching Time Test Circuit CL = 1000pF, VGEN = 0, RGEN = 0 VS = 0, VIN = 0 f = 140kHz 16 70 90 16 70 90 dB 480 370 20 5 5 600 450 480 370 20 5 5 pF 600 450 ns pC IINH IINL VIN = 2.4V VIN = 15V VIN = 0 -1.0 -0.0004 0.003 -1.0 -0.0004 1.0 -1.0 -1.0 -0.0004 0.003 -0.0004 1.0 A SYMBOL CONDITIONS DG202A MIN TYP MAX DG202C, D, E MIN TYP MAX UNITS
CD (ON) VD = VS = 0, + CS (ON) VIN = 5V VIN = 0, ZL = 75 VS = 2.0V, f = 100kHz
Note 3: Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. Note 4: ID (ON) is leakage from driver into "ON" switch.
4
_______________________________________________________________________________________
Quad SPST CMOS Analog Switches
ELECTRICAL CHARACTERISTICS (DG202)
(V+ = +15V, V- = -15V, GND = 0, TA = full opearting temperature range, unless otherwise noted.) (For more information on TYP values see Note 3.)
PARAMETER SWITCH Analog Signal Range Drain-Source ON Resistance (Note 5) Source OFF-Leakage Current Drain OFF-Leakage Current Drain ON-Leakage Current (Note 6) INPUT Input Current with Input Voltage High Input Current with Input Voltage Low IINH IINL VIN = 2.4V VIN = 15V VIN = 0 -1.0 -1.0 1.0 -1.0 -1.0 1.0 A VANALOG RDS (ON) IS (OFF) ID (OFF) ID (ON) VD = 10V, VIN = 2.4V, IS = 1mA VIN = 0.8V VIN = 0.8V VIN = 2.4V VS = 14V, VD = -14V VS = -14V, VD = 14V VS = 14V, VD = -14V VS = -14V, VD = 14V VS = -14V VD = 14V -200 -100 200 -200 -100 100 -100 200 -15 +15 250 100 -100 100 nA -15 +15 250 100 V SYMBOL CONDITIONS DG202A MIN TYP MAX DG202C, D, E MIN TYP MAX UNITS
DG202/DG212
Note 5: Electrical characteristics, such as On-Resistance, will change when power supplies other than 15V, are used. Note 6: ID (ON) is leakage from driver into "ON" switch.
Pin Description
PIN DIP/SO/TSSOP 1, 16, 9, 8 2, 15, 10, 7 3, 14, 11, 6 4 5 12 13 -- QFN/TQFN 15, 14, 7, 6 16, 13, 8, 5 1, 12, 9, 4 2 3 10 11 EP NAME IN1-IN4 D1-D4 S1-S4 VGND N.C. V+ EP Input Analog Switch Drain Terminal Analog Switch Source Terminal Negative-Supply Voltage Input Ground No Connection Positive-Supply Voltage Input--Connected to Substrate Exposed Pad. Connect exposed pad to V+ or leave EP unconnected. FUNCTION
Switching Time Test Circuit
Switch output waveform shown for VS = constant with logic input waveform as shown. Note that VS may be +ve or -ve as per switching times test circuit. VO is the steady state output with switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge of output waveform.
Protecting Against Fault Conditions
Fault conditions occur when power supplies are turned off when input signals are still present, or when overvoltages occur at the inputs during normal operation. In either case, source-to-body diodes can be forward biased and conduct current from the signal source. If
5
_______________________________________________________________________________________
Quad SPST CMOS Analog Switches DG202/DG212
RL RL + rDS(ON)
LOGIC INPUT t r < 20ns t f < 20ns 3V
VO = VS LOGIC 1 SW ON 50% 0 VS = +2V LOGIC INPUT 0.1 GND 0V V-15V SWITCH INPUT S1 +15V V+ D1
SWITCH OUTPUT VO RL 1k CL 35pF
SWITCH INPUT SWITCH OUTPUT
VS 0
VO tOFF
0.9
VO VO tOFF1 tOFF2
0.9
IN1
(REPEAT TEST FOR IN2, IN3, AND IN4)
Figure 1. Switching Time
Typical RDS(ON) vs. Power Supplies for Maxim's DG202, and DG212
POWER SUPPLIES 5V 10V 15V RDS(ON) AT ANALOG SIGNAL LEVEL -5V 350 -- -- +5V 380 -- -- -10V -- 165 125 +10V -- 250 160 -15V -- -- 135 +15V -- -- 155
this current is required to be kept to low (A) levels then the addition of external protection diodes is recommended. To provide protection for overvoltages up to 20V above the supplies, a 1N4001 or 1N914 type diode should be placed in series with the positive and negative supplies as shown in Figure 2. The addition of these diodes will reduce the analog signal range to 1V below the positive supply and 1V above the negative supply.
1 2 IN4001 -15V 3 4 5 6 7 8
16 15 14 IN4001 +15V
DG202 DG212
13 12 11 10 9
Pin Configurations (continued)
TOP VIEW
D1 16 IN1 15 IN2 14 D2 13
Figure 2. Protection against Fault Conditions
S1 VGND S4
1 2
12 11
S2 V+ N.C. S3
DG202 DG212
*EP
3 4 5 D4 6 IN4 7 IN3 8 D3
10 9
TQFN*
*EXPOSED PAD. CONNECT EXPOSED PAD TO V+ OR LEAVE EXPOSED PAD UNCONNECTED.
6
_______________________________________________________________________________________
Quad SPST CMOS Analog Switches
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
SOICN .EPS
DG202/DG212
INCHES DIM A A1 B C e E H L MAX MIN 0.069 0.053 0.010 0.004 0.014 0.019 0.007 0.010 0.050 BSC 0.150 0.157 0.228 0.244 0.016 0.050
MILLIMETERS MAX MIN 1.35 1.75 0.10 0.25 0.35 0.49 0.19 0.25 1.27 BSC 3.80 4.00 5.80 6.20 0.40 1.27
N
E
H
VARIATIONS:
1
INCHES
MILLIMETERS MIN 4.80 8.55 9.80 MAX 5.00 8.75 10.00 N MS012 8 AA 14 AB 16 AC
TOP VIEW
DIM D D D
MIN 0.189 0.337 0.386
MAX 0.197 0.344 0.394
D A e B A1 L C
0-8
FRONT VIEW
SIDE VIEW
PROPRIETARY INFORMATION TITLE:
PACKAGE OUTLINE, .150" SOIC
APPROVAL DOCUMENT CONTROL NO. REV.
21-0041
B
1 1
_______________________________________________________________________________________
7
Quad SPST CMOS Analog Switches DG202/DG212
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
PDIPN.EPS
8
_______________________________________________________________________________________
Quad SPST CMOS Analog Switches
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
DG202/DG212
_______________________________________________________________________________________
CDIPS.EPS
9
Quad SPST CMOS Analog Switches DG202/DG212
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
TSSOP4.40mm.EPS
PACKAGE OUTLINE, TSSOP 4.40mm BODY
21-0066
G
1
1
10
______________________________________________________________________________________
Quad SPST CMOS Analog Switches
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
32L QFN.EPS
DG202/DG212
______________________________________________________________________________________
11
Quad SPST CMOS Analog Switches DG202/DG212
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.)
QFN THIN.EPS
Revision History
Pages changed at Rev3: 1-6, 11
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2006 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.


▲Up To Search▲   

 
Price & Availability of DG202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X